| データシートサーチシステム |
|
PSD935G2-15UI データシート(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD935G2-15UI データシート(HTML) 36 Page - STMicroelectronics |
|
36 / 91 page ![]() (INPUTS) (32) (16) (1) PDN (APD OUTPUT) I /O PORTS (PORT A,B,C,F) (8) PGR0 - PGR7 A[15:0] * (4) (3) PD[3:0] (ALE,CLKIN,CSI) CNTRL[2:0] (READ/WRITE CONTROL SIGNALS) (1) (1) RESET RD_BSY RS0 CSIOP 8 FLASH MEMORY SECTOR SELECTS 4 SECONDARY FLASH MEMORY SECTOR SELECTS SRAM SELECT I/O DECODER SELECT CSBOOT 0 CSBOOT 1 CSBOOT 2 CSBOOT 3 FS0 FS7 3 3 3 3 3 3 3 3 3 3 3 3 3 FA15 MAIN FLASH ADDRESS INPUT 3 *NOTES: 1. The address inputs are A[19:4] in 80C51XA mode. 2. Additional address lines can be brought into PSD via Port A, B, C, C or F. |