| データシートサーチシステム |
|
7480 データシート(PDF) 84 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480 データシート(HTML) 84 Page - Renesas Technology Corp |
|
84 / 98 page ![]() MITSUBISHI MICROCOMPUTERS 7480/7481 GROUP SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 83 PRELIMINAR Y Notice: This is not a final specification. Some parametric limits are subject to change. V= $8000 .BYTE ‘M37480E8-’ V= $0000 .BYTE ‘M37480E8-’ 740 FAMILY ROM PROGRAMMING CONFIRMATION FORM SINGLE-CHIP MICROCOMPUTER M37480E8-XXXSP/FP MITSUBISHI ELECTRIC GZZ-SH09-91B<56A0> Recommend to writing the following pseudo-command to the assembler source file : 27256 27512 EPROM type The pseudo-command Note : If the name of the product written to the EPROMs does not match the name of the ROM programming confirmation form, the ROM processing is disabled. Write the data correctly. g 2. Mark specification Mark specification must be submitted using the correct form for the package being ordered. Please submit the shrink DIP package Mark Specification Form (only for built-in One Time PROM microcomputer) for the M37480E8-XXXSP or the 32P2W-A Mark Specification Form for the M37480E8-XXXFP. g 3. Comments ROM number |