データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3886 データシート(PDF) 91 Page - Renesas Technology Corp

部品番号 3886
部品情報  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 データシート(HTML) 91 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 87Page - Renesas Technology Corp 3886 Datasheet HTML 88Page - Renesas Technology Corp 3886 Datasheet HTML 89Page - Renesas Technology Corp 3886 Datasheet HTML 90Page - Renesas Technology Corp 3886 Datasheet HTML 91Page - Renesas Technology Corp 3886 Datasheet HTML 92Page - Renesas Technology Corp 3886 Datasheet HTML 93Page - Renesas Technology Corp 3886 Datasheet HTML 94Page - Renesas Technology Corp 3886 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 111 page
background image
90
3886 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Table 31 Recommended operating conditions
(VCC = 2.7 to 5.5 V, VCC = 4.0 to 5.5 V for flash memory version, Ta = –20 to 85 °C, unless otherwise noted)
–10
10
20
10
–5
5
15
5
10
4.5 VCC–8
10
10
4.5 VCC–8
50
“H” peak output current
P00–P07, P10–P17, P20–P27, P30–P37, P40–P47,
P50–P57, P60–P67, P80–P87 (Note 1)
“L” peak output current
P00–P07, P10–P17, P20–P23, P30–P37, P40–P47,
P50–P57, P60–P67, P70–P77, P80–P87 (Note 1)
IOH(peak)
IOL(peak)
IOL(peak)
IOH(avg)
IOL(avg)
IOL(avg)
f(XIN)
Symbol
Parameter
Limits
Min.
mA
mA
mA
mA
mA
mA
mA
mA
MHz
MHz
MHz
MHz
MHz
kHz
Unit
Typ.
Max.
In single-chip mode
Notes 1: The peak output current is the peak current flowing in each port.
2: The average output current IOL(avg), IOH(avg) are average value measured over 100 ms.
3: When the oscillation frequency has a duty cycle of 50%.
4: When using the microcomputer in low-speed mode, set the sub-clock input oscillation frequency on condition that f(XCIN) < f(XIN)/3.
5: When using the timer X/Y, timer 1/2, serial I/O1, serial I/O2, A-D converter, comparator, and PWM, set the main clock input oscillation frequency to
the max. 4.5VCC–8 (MHz).
In single-chip mode
In memory expansion mode
In microprocessor mode
In memory expansion mode
In microprocessor mode
32.768
f(XCIN)
“L” peak output current
P24–P27 (Note 1)
“H” average output current
P00–P07, P10–P17, P20–P27, P30–P37, P40–P47,
P50–P57, P60–P67, P80–P87 (Note 2)
“L” average output current
P00–P07, P10–P17, P20–P23, P30–P37, P40–P47,
P50–P57, P60–P67, P70–P77, P80–P87 (Note 2)
“L” peak output current
P24–P27 (Note 2)
Main clock input oscillation
frequency (Note 3)
Sub-clock input oscillation frequency (Notes 3, 4)
High-speed mode
4.0 V
≤ VCC ≤ 5.5 V
High-speed mode
2.7 V
≤ VCC ≤ 4.0 V
Middle-speed mode
4.0 V
≤ VCC ≤ 5.5 V
Middle-speed mode
2.7 V
≤ VCC ≤ 4.0 V (Note 5)
Middle-speed mode
2.7 V
≤ VCC ≤ 4.0 V (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com