| データシートサーチシステム |
|
7516 データシート(PDF) 69 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7516 データシート(HTML) 69 Page - Renesas Technology Corp |
|
69 / 90 page ![]() Rev.1.01 Jul 01, 2003 page 69 of 89 7516 Group qVersion Information Output Command This command outputs the version information of the control pro- gram stored in the Boot ROM area. Execute the version information output command as explained here following. (1) Transfer the “FB16” command code with the 1st byte. (2) The version information will be output from the 2nd byte on- ward. This data is composed of 8 ASCII code characters. Fig. 72 Timing for version information output FB16 ‘X’ ‘V’‘E’‘R’ SCLK RxD TxD SRDY1(BUSY) |