データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FS7KM-5 データシート(PDF) 3 Page - Renesas Technology Corp

部品番号 FS7KM-5
部品情報  MITSUBISHI Nch POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS7KM-5 データシート(HTML) 3 Page - Renesas Technology Corp

  FS7KM-5 Datasheet HTML 1Page - Renesas Technology Corp FS7KM-5 Datasheet HTML 2Page - Renesas Technology Corp FS7KM-5 Datasheet HTML 3Page - Renesas Technology Corp FS7KM-5 Datasheet HTML 4Page - Renesas Technology Corp FS7KM-5 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb.1999
MITSUBISHI Nch POWER MOSFET
FS7KM-5
HIGH-SPEED SWITCHING USE
ELECTRICAL CHARACTERISTICS (Tch = 25
°C)
ID = 1mA, VGS = 0V
IG =
±100µA, VDS = 0V
VGS =
±25V, VDS = 0V
VDS = 250V, VGS = 0V
ID = 1mA, VDS = 10V
ID = 3A, VGS = 10V
ID = 3A, VGS = 10V
ID = 3A, VDS = 10V
VDS = 25V, VGS = 0V, f = 1MHz
VDD = 150V, ID = 3A, VGS = 10V, RGEN = RGS = 50
Ω
IS = 3A, VGS = 0V
Channel to case
V (BR) DSS
V (BR) GSS
IGSS
IDSS
VGS (th)
rDS (ON)
VDS (ON)
yfs
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
VSD
Rth (ch-c)
V
V
µA
mA
V
Ω
V
S
pF
pF
pF
ns
ns
ns
ns
V
°C/W
250
±30
—
—
2
—
—
2.2
—
—
—
—
—
—
—
—
—
—
—
—
—
3
0.63
1.90
3.5
370
80
16
15
22
50
26
1.5
—
—
—
±10
1
4
0.80
2.40
—
—
—
—
—
—
—
—
2.0
4.17
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
PERFORMANCE CURVES
Drain-source breakdown voltage
Gate-source breakdown voltage
Gate-source leakage current
Drain-source leakage current
Gate-source threshold voltage
Drain-source on-state resistance
Drain-source on-state voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Source-drain voltage
Thermal resistance
101
7
5
3
2
100
7
5
3
2
10–1
7
5
23 5 7 101 23 5 7 102
100
23 5 7 103
5
3
2
TC = 25°C
Single Pulse
tw=10µs
100µs
1ms
10ms
DC
50
40
30
20
10
0
200
150
100
50
0
20
16
12
8
4
0
0
1020304050
TC = 25°C
Pulse Test
VGS = 20V
PD = 30W
6V
5V
7V
10V
10
8
6
4
2
0
0
4
8
12
16
20
PD =
30W
TC = 25°C
Pulse Test
5V
6V
VGS = 20V 10V 7V
POWER DISSIPATION DERATING CURVE
CASE TEMPERATURE TC (°C)
MAXIMUM SAFE OPERATING AREA
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com