| データシートサーチシステム |
|
STV5348 データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5348 データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 22 page ![]() FUNCTIONAL DESCRIPTION (continued) The basic set of the 96 characters is shown in Table 8.The location of the 13 national characters are shown in Table 8 whilst full national character sets are depicted in Tables 9, 10 and 11. 2/0 2/1 2/2 2/3 2/4 2/5 2/6 2/7 2/8 2/9 2/10 2/11 2/12 2/13 2/14 2/15 3/0 3/1 3/2 3/3 3/4 3/5 3/6 3/7 3/8 3/9 3/10 3/11 3/12 3/13 3/14 3/15 4/0 4/1 4/2 4/3 4/4 4/5 4/6 4/7 4/9 4/8 4/10 4/11 4/12 4/13 4/14 4/15 5/0 5/1 5/2 5/3 5/4 5/5 5/6 5/7 5/8 5/9 5/10 5/11 5/12 5/13 5/14 5/15 6/0 6/1 6/2 6/3 6/4 6/5 6/6 6/7 6/8 6/9 6/10 6/11 6/12 6/13 6/14 6/15 7/0 7/1 7/2 7/3 7/4 7/5 7/6 7/7 7/8 7/9 7/10 7/11 7/12 7/13 7/14 7/15 National Character National Character National Character National Character National Character National Character National Character National Character National Character National Character National Character National Character National Character Table 8 : Basic character set. STV5348 - STV5348/H - STV5348/T 15/22 |