| データシートサーチシステム |
|
HD74HC423AFPEL データシート(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74HC423AFPEL データシート(HTML) 2 Page - Renesas Technology Corp |
|
2 / 9 page ![]() HD74HC423A Rev.2.00 Mar 30, 2006 page 2 of 8 Pin Arrangement 1 2 3 4 5 6 7 89 10 11 12 13 14 15 16 CLR VCC 1Rext/Cext 1Cext 1Q 2Q 2CLR 2B 2A CLR 1A 1B 2Q 2Cext 2Rext/Cect GND 1CLR 1Q (Top view) Logic Diagram (1/2) Rext Cext A B CLR VCC To Another Transceiver OUT VH VL CK Q Q CLR CK Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage range VCC –0.5 to 7.0 V Input / Output voltage VIN, VOUT –0.5 to VCC +0.5 V Input / Output diode current IIK, IOK ±20 mA Output current IOUT ±25 mA VCC, GND current ICC or IGND ±50 mA Power dissipation PT 500 mW Storage temperature Tstg –65 to +150 °C Note: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. |