データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FS30KMJ-3 データシート(PDF) 1 Page - Renesas Technology Corp

部品番号 FS30KMJ-3
部品情報  High-Speed Switching Use Nch Power MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS30KMJ-3 データシート(HTML) 1 Page - Renesas Technology Corp

  FS30KMJ-3 Datasheet HTML 1Page - Renesas Technology Corp FS30KMJ-3 Datasheet HTML 2Page - Renesas Technology Corp FS30KMJ-3 Datasheet HTML 3Page - Renesas Technology Corp FS30KMJ-3 Datasheet HTML 4Page - Renesas Technology Corp FS30KMJ-3 Datasheet HTML 5Page - Renesas Technology Corp FS30KMJ-3 Datasheet HTML 6Page - Renesas Technology Corp FS30KMJ-3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00
Aug 07, 2006
page 1 of 6
FS30KMJ-3
High-Speed Switching Use
Nch Power MOS FET
REJ03G1415-0200
(Previous: MEJ02G0080-0101)
Rev.2.00
Aug 07, 2006
Features
• Drive voltage : 4 V
• V
DSS : 150 V
• r
DS(ON) (max) : 86 m
• I
D : 30 A
• Integrated Fast Recovery Diode (TYP.) : 100 ns
• Viso : 2000 V
Outline
RENESAS Package code: PRSS0003AB-A
(Package name: TO-220FN)
1
1. Gate
2. Drain
3. Source
3
2
1
3
2
Applications
Motor control, Lamp control, Solenoid control, DC-DC converters, etc.
Maximum Ratings
(Tc = 25°C)
Parameter
Symbol
Ratings
Unit
Conditions
Drain-source voltage
VDSS
150
V
VGS = 0 V
Gate-source voltage
VGSS
±20
V
VDS = 0 V
Drain current
ID
30
A
Drain current (Pulsed)
IDM
120
A
Avalanche drain current (Pulsed)
IDA
30
A
L = 100
µH
Source current
IS
30
A
Source current (Pulsed)
ISM
120
A
Maximum power dissipation
PD
30
W
Channel temperature
Tch
– 55 to +150
°C
Storage temperature
Tstg
– 55 to +150
°C
Isolation voltage
Viso
2000
V
AC for 1 minute,
Terminal to case
Mass
2.0
g
Typical value


同様の部品番号 - FS30KMJ-3

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
FS30KMJ-3 MITSUBISHI-FS30KMJ-3 Datasheet
43Kb / 4P
HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FS30KMJ-3 POWEREX-FS30KMJ-3 Datasheet
48Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results

同様の説明 - FS30KMJ-3

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RJK4007DPP RENESAS-RJK4007DPP Datasheet
67Kb / 4P
Nch Power MOS FET High-Speed Switching Use
FS5AS-2 RENESAS-FS5AS-2 Datasheet
197Kb / 7P
High-Speed Switching Use Nch Power MOS FET
FS7VS-12A RENESAS-FS7VS-12A Datasheet
207Kb / 7P
High-Speed Switching Use Nch Power MOS FET
FS10ASJ-3 RENESAS-FS10ASJ-3 Datasheet
171Kb / 7P
High-Speed Switching Use Nch Power MOS FET
FS10VS-9A RENESAS-FS10VS-9A Datasheet
206Kb / 7P
High-Speed Switching Use Nch Power MOS FET
FS30ASJ-06F RENESAS-FS30ASJ-06F Datasheet
103Kb / 7P
High-Speed Switching Use Nch Power MOS FET
FS70KM-2 RENESAS-FS70KM-2 Datasheet
172Kb / 7P
High-Speed Switching Use Nch Power MOS FET
FS70KMJ-03F RENESAS-FS70KMJ-03F Datasheet
105Kb / 7P
High-Speed Switching Use Nch Power MOS FET
FS70VSJ-06F RENESAS-FS70VSJ-06F Datasheet
103Kb / 7P
High-Speed Switching Use Nch Power MOS FET
FS5ASJ-06F RENESAS-FS5ASJ-06F_15 Datasheet
124Kb / 9P
High-Speed Switching Use Nch Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com