データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV7697WAF データシート(PDF) 5 Page - STMicroelectronics

部品番号 STV7697WAF
部品情報  PLASMA DISPLAY PANEL SCAN DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7697WAF データシート(HTML) 5 Page - STMicroelectronics

  STV7697WAF Datasheet HTML 1Page - STMicroelectronics STV7697WAF Datasheet HTML 2Page - STMicroelectronics STV7697WAF Datasheet HTML 3Page - STMicroelectronics STV7697WAF Datasheet HTML 4Page - STMicroelectronics STV7697WAF Datasheet HTML 5Page - STMicroelectronics STV7697WAF Datasheet HTML 6Page - STMicroelectronics STV7697WAF Datasheet HTML 7Page - STMicroelectronics STV7697WAF Datasheet HTML 8Page - STMicroelectronics STV7697WAF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STV7697A
5/15
PADS DIMENSIONS (in
µm)/ PADS POSITIONS
The reference is the centre of the die (x=0, y=0)
TOP SIDE from left to right
Name
Centre:X Centre:Y
Size:x
SIze: y
VPP
-2468.5
4135.0
75.0
90.0
VSSP
-2313.5
4135.0
75.0
90.0
VSSP
-2188.5
4135.0
75.0
90.0
VPP
-2063.5
4134.5
75.0
90.0
VSSLOG
-1620.0
4135.0
75.0
90.0
CLK
-1430.0
4135.0
75.0
90.0
STB
-781.0
4135.0
75.0
90.0
SOUT
-612.5
4135.0
75.0
90.0
VCC
-335.5
4144.5
75.0
90.0
SIN
379.5
4135.0
75.0
90.0
F/R
548.0
4135.0
75.0
90.0
BLK
1082.0
4135.0
75.0
90.0
POL
1853.0
4135.0
75.0
90.0
VPP
2021.5
4140.0
75.0
90.0
VSSP
2156.5
4140.0
75.0
90.0
VSSP
2291.5
4140.0
75.0
90.0
VPP
2454.5
4129.5
75.0
90.0
BOTTOM SIDE from left to right
Name
Centre:X Centre:Y
Size:x
SIze: y
OUT34
-2468.0
-4087.5
75.0
90.0
OUT33
-2318.0
-4089.5
75.0
90.0
VPP
-2182.0
-4089.5
75.0
90.0
VSSP
-2047.0
-4093.0
75.0
90.0
VSSP
-1912.0
-4093.0
75.0
90.0
VSSP
-1777.0
-4093.0
75.0
90.0
VPP
-1642.0
-4089.5
75.0
90.0
VSSSUB
-683.0
-4088.0
75.0
90.0
VSSLOG
-382.5
-4088.0
75.0
90.0
VSSLOG
419.5
-4087.5
75.0
90.0
VCC
618.5
-4087.5
75.0
90.0
VSSLOG
951.0
-4087.5
75.0
90.0
VSSSUB
1308.0
-4087.5
75.0
90.0
VPP
1438.5
-4087.5
75.0
90.0
VSSP
1797.5
-4093.5
75.0
90.0
VSSP
1932.5
-4093.5
75.0
90.0
VSSP
2067.5
-4093.5
75.0
90.0
VPP
2193.0
-4093.5
75.0
90.0
OUT32
2318.0
-4093.5
75.0
90.0
OUT31
2468.5
-4093.5
75.0
90.0
RIGHT SIDE from top to bottom
Name
Centre:X Centre:Y
Size:x
SIze: y
OUT1
2647.0
3697.0
90.0
75.0
OUT2
2647.0
3484.0
90.0
75.0
OUT3
2647.0
3238.5
90.0
75.0
OUT4
2647.0
2992.5
90.0
75.0
OUT5
2647.0
2743.0
90.0
75.0
OUT6
2647.0
2506.5
90.0
75.0
OUT7
2647.0
2264.0
90.0
75.0
OUT8
2647.0
2018.0
90.0
75.0
OUT9
2647.0
1774.5
90.0
75.0
OUT10
2647.0
1529.0
90.0
75.0
OUT11
2647.0
1285.5
90.0
75.0
OUT12
2647.0
1040.0
90.0
75.0
OUT13
2647.0
796.5
90.0
75.0
OUT14
2647.0
551.0
90.0
75.0
OUT15
2647.0
307.5
90.0
75.0
OUT16
2647.0
62.0
90.0
75.0
OUT17
2647.0
-181.5
90.0
75.0
OUT18
2647.0
-427.0
90.0
75.0
OUT19
2647.0
-670.5
90.0
75.0
OUT20
2647.0
-916.0
90.0
75.0
OUT21
2647.0
-1159.5
90.0
75.0
OUT22
2647.0
-1405.0
90.0
75.0
OUT23
2647.0
-1648.5
90.0
75.0
OUT24
2647.0
-1894.0
90.0
75.0
BOTTOM SIDE from left to right (continued)
Name
Centre:X Centre:Y
Size:x
SIze: y
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15