データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV9379A データシート(PDF) 2 Page - STMicroelectronics

部品番号 STV9379A
部品情報  VERTICAL DEFLECTION BOOSTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9379A データシート(HTML) 2 Page - STMicroelectronics

  STV9379A Datasheet HTML 1Page - STMicroelectronics STV9379A Datasheet HTML 2Page - STMicroelectronics STV9379A Datasheet HTML 3Page - STMicroelectronics STV9379A Datasheet HTML 4Page - STMicroelectronics STV9379A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
POWER
AMPLIFIER
4
5
7
THERMAL
PROTECTION
1
23
6
FLYBACK
GENERATOR
INVERTING INPUT
NON-INVERTING INPUT
OUTPUT
GROUND or NEGATIVE SUPPLY
SUPPLY
VOLTAGE
OUTPUT
STAGE
SUPPLY
FLYBACK
GENERATOR
STV9379A
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage (Pin 2) (see note 1)
50
V
V6
Flyback Peak Voltage (Pin 6) (see note 1)
100
V
V1 ,V7
Amplifier Input Voltage (Pins 1-7) (see note 1)
- 0.3, + VS
V
IO
Maximum Output Peak Current (see notes 2 and 3)
1.8
A
I3
Maximum Sink Current (first part of flyback) (t < 1ms)
1.8
A
I3
Maximum Source Current (t < 1ms) (see note 2)
1.8
A
VESD
ESD susceptibility : EIAJ Norm (200pF discharged through 0
Ω)
300
V
Toper
Operating Ambient Temperature
- 20, + 75
oC
Tstg
Storage Temperature
- 40, + 150
oC
Tj
Junction Temperature
+150
oC
Notes :
1.
Versus Pin 4.
2.
The output current can reach 5A peak for t
≤ 10µs (up to 120Hz).
3.
Provided SOAR is respected (see Figures 1 and 2).
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction-case Thermal Resistance
Max.
3
oC/W
Tt
Temperature for Thermal Shutdown
150
oC
∆Tt
Hysteresis on Tt
10
oC
Tjr
Recommended Max. Junction Temperature
120
oC
STV9379A
2/5



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com