| データシートサーチシステム |
|
STV9379F データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV9379F データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 5 page ![]() PACKAGE MECHANICAL DATA : 7 PINS - PLASTIC HEPTAWATT Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 4.8 0.189 C 1.37 0.054 D 2.4 2.8 0.094 0.110 D1 1.2 1.35 0.047 0.053 E 0.35 0.55 0.014 0.022 F 0.6 08 0.024 0.031 F1 0.9 0.035 G 2.41 2.54 2.67 0.095 0.100 0.105 G1 4.91 5.08 5.21 0.193 0.200 0.205 G2 7.49 7.62 7.8 0.295 0.300 0.307 H2 10.4 0.409 H3 10.05 10.4 0.396 0.409 L 16.97 0.668 L1 14.92 0.587 L2 21.54 0.848 L3 22.62 0.891 L5 2.6 3 0.102 0.118 L6 15.1 15.8 0.594 0.622 L7 6 6.6 0.236 0.260 M 2.8 0.110 M1 5.08 0.200 Dia. 3.65 3.85 0.144 0.152 Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No licence is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics © 1998 STMicroelectronics - All Rights Reserved Purchase of I 2C Components of STMicroelectronics, conveys a license under the Philips I2C Patent. Rights to use these components in a I 2C system, is granted provided that the system conforms to the I 2C Standard Specifications as defined by Philips. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. STV9379F 5/5 |