データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV9379FA データシート(PDF) 1 Page - STMicroelectronics

部品番号 STV9379FA
部品情報  VERTICAL DEFLECTION BOOSTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9379FA データシート(HTML) 1 Page - STMicroelectronics

  STV9379FA Datasheet HTML 1Page - STMicroelectronics STV9379FA Datasheet HTML 2Page - STMicroelectronics STV9379FA Datasheet HTML 3Page - STMicroelectronics STV9379FA Datasheet HTML 4Page - STMicroelectronics STV9379FA Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STV9379FA
VERTICAL DEFLECTION BOOSTER
June 1998
Output Stage Supply
Output
GND or Negative Supply
Flyback Supply
Supply Voltage
Inverting Input
Tab connected to pin 4
7
6
5
4
3
2
1
Non-inverting Input
PIN CONNECTIONS
HEPTAWATT
(Plastic Package)
ORDER CODE : STV9379FA
.
POWER AMPLIFIER
.
THERMAL PROTECTION
.
OUTPUT CURRENT UP TO 2.6APP
.
FLYBACK VOLTAGE UP TO 90V (on Pin 5)
.
SUITABLE FOR DC COUPLING APPLICATION
.
EXTERNAL FLYBACK SUPPLY
DESCRIPTION
Designed for monitors and high performance TVs,
the STV9379FA vertical deflection booster can
handle flyback voltage up to 90V. Further to this, it
is possible to have a flyback voltage which is more
than the double of the supply (Pin 2). This allows
to decrease the power consumption, or to decrease
the flyback time for a given supply voltage.
The STV9379FA operates with supplies up to 42V
and provides up to 2.6APP output current to drive
the yoke.
The STV9379FA is offered in HEPTAWATT package.
1/5


同様の部品番号 - STV9379FA

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STV9379F STMICROELECTRONICS-STV9379F Datasheet
78Kb / 5P
VERTICAL DEFLECTION BOOSTER
Aug-1998
More results

同様の説明 - STV9379FA

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA4863J PHILIPS-TDA4863J Datasheet
105Kb / 20P
Vertical deflection booster
2000 Aug 17
logo
STMicroelectronics
STV9379 STMICROELECTRONICS-STV9379 Datasheet
48Kb / 5P
VERTICAL DEFLECTION BOOSTER
Aug-1998
TDA8171 STMICROELECTRONICS-TDA8171 Datasheet
72Kb / 4P
VERTICAL DEFLECTION BOOSTER
Dec-1998
TDA9309 STMICROELECTRONICS-TDA9309 Datasheet
62Kb / 6P
VERTICAL DEFLECTION BOOSTER
Nov-1996
logo
NXP Semiconductors
TDA4864J PHILIPS-TDA4864J Datasheet
79Kb / 16P
Vertical deflection booster
2003 Oct 31
logo
STMicroelectronics
STV9378F STMICROELECTRONICS-STV9378F Datasheet
57Kb / 5P
VERTICAL DEFLECTION BOOSTER
Jul-1994
logo
Unisonic Technologies
T8177 UTC-T8177 Datasheet
182Kb / 5P
VERTICAL DEFLECTION BOOSTER
logo
STMicroelectronics
TDA8177F STMICROELECTRONICS-TDA8177F_05 Datasheet
166Kb / 9P
VERTICAL DEFLECTION BOOSTER
29-Mar-2005
STV9378 STMICROELECTRONICS-STV9378 Datasheet
51Kb / 5P
VERTICAL DEFLECTION BOOSTER
Jul-1994
STV9379A STMICROELECTRONICS-STV9379A_03 Datasheet
159Kb / 6P
VERTICAL DEFLECTION BOOSTER
Sep-2003
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com