データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP9971GD データシート(PDF) 5 Page - Advanced Power Electronics Corp.

部品番号 AP9971GD
部品情報  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  A-POWER [Advanced Power Electronics Corp.]
ホームページ  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9971GD データシート(HTML) 5 Page - Advanced Power Electronics Corp.

  AP9971GD Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9971GD Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9971GD Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9971GD Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9971GD Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Package Outline : PDIP-8
Millimeters
MIN
NOM
MAX
A
3.60
4.50
5.40
A1
0.38
----
----
A2
2.90
3.95
5.00
B
0.36
0.46
0.56
B1
1.10
1.45
1.80
B2
0.76
0.98
1.20
C
0.20
0.28
0.36
D
9.00
9.60
10.20
E
6.10
6.65
7.20
E1
7.62
7.94
8.26
E2
8.30
9.65
11.00
e
L
3.18
----
----
1.All Dimensions Are in Millimeters.
2.Dimension Does Not Include Mold Protrusions.
  
Part Marking Information & Packing : PDIP-8
2.540 BSC
SYMBOLS
ADVANCED POWER ELECTRONICS CORP.
Date Code (YWWSSS)
Y:Last Digit Of The Year
WW:Week
SSS:Sequence
Package Code
Part Number
E
D
A
e
B1
B
L
A2
C
E1
E2
A1
B2
meet Rohs requirement
for low voltage MOSFET only
9971GD
YWWSSS
5



Html Pages

1 2 3 4 5