データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV9380 データシート(PDF) 6 Page - STMicroelectronics

部品番号 STV9380
部品情報  CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9380 データシート(HTML) 6 Page - STMicroelectronics

  STV9380 Datasheet HTML 1Page - STMicroelectronics STV9380 Datasheet HTML 2Page - STMicroelectronics STV9380 Datasheet HTML 3Page - STMicroelectronics STV9380 Datasheet HTML 4Page - STMicroelectronics STV9380 Datasheet HTML 5Page - STMicroelectronics STV9380 Datasheet HTML 6Page - STMicroelectronics STV9380 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
STV9380
6/7
5 - PACKAGE MECHANICAL DATA
Dimensions
Millimeters
Inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
3.30
3.18
3.43
0.130
0.125
0.135
a1
0.762
0.508
1.016
0.030
0.020
0.040
a2
1.30
0.051
B
1.27
0.85
1.40
0.050
0.033
0.055
b
0.508
0.45
0.53
0.020
0.018
0.021
b1
0.43
0.38
0.48
0.017
0.015
0.019
C
5.20
6.00
0.205
0.236
D
24.65
24.55
24.77
0.970
0.966
0.975
D1
24.38
24.33
24.45
0.959
0.958
0.962
E
8.80
8.40
9.10
0.346
0.331
0.358
e
2.54
2.29
2.79
0.100
0.090
0.110
e3
22.86
22.60
23.11
0.900
0.890
0.910
e4
7.62
7.36
7.87
0.300
0.290
0.310
F
6.35
6.22
6.47
0.250
0.245
0.255
I
4.06
3.81
4.31
0.160
0.150
0.170
L
3.30
3.00
3.70
0.130
0.118
0.146
N
10d
10d
R1
0.40
0.016
K
2.00
1.90
2.16
0.079
0.075
0.085
K1
2.40
2.30
2.50
0.094
0.090
0.098
K2
0.50
0.45
0.55
0.020
0.018
0.022
Z
1.27
0.050
TIE BAR CENTER
3



Html Pages

1 2 3 4 5 6 7