データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV9424 データシート(PDF) 14 Page - STMicroelectronics

部品番号 STV9424
部品情報  MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9424 データシート(HTML) 14 Page - STMicroelectronics

Back Button STV9424 Datasheet HTML 7Page - STMicroelectronics STV9424 Datasheet HTML 8Page - STMicroelectronics STV9424 Datasheet HTML 9Page - STMicroelectronics STV9424 Datasheet HTML 10Page - STMicroelectronics STV9424 Datasheet HTML 11Page - STMicroelectronics STV9424 Datasheet HTML 12Page - STMicroelectronics STV9424 Datasheet HTML 13Page - STMicroelectronics STV9424 Datasheet HTML 14Page - STMicroelectronics STV9424 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
PACKAGE MECHANICAL DATA (STV9424)
16 PINS - PLASTIC DIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
STV9422 - STV9424
14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15