| データシートサーチシステム |
|
M35060 データシート(PDF) 26 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35060 データシート(HTML) 26 Page - Renesas Technology Corp |
|
26 / 42 page ![]() 25 SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS M35060-XXXSP MITSUBISHI MICROCOMPUTERS Fig. 12 Address construction When entering data, note that although addresses are incremented every data entry (8 bits ✕ 3), if an address value falls in the unused address area, it is automatically converted to the address value indicated by the arrow. When entering SYRAM data, for example, you can set this data simply by setting address 30016 first and then entering data 30016 to 30C16 (SYRAM code 0016) and next data 31016 to 31C16 (SYRAM code 0116). The same applies for SYRAM code 0216 to 3E16. 00016 2A716 2A816 display RAM 2B016 register unused address area SYRAM code 00 16 30D16 unused address area 2B116 2FF16 30016 SYRAM code 01 16 31D16 unused address area SYRAM code 02 16 32D16 unused address area SYRAM code 3E16 6ED16 FFF16 unused address area *Jump to address 000 16 automatically *Jump to address 310 16 automatically *Jump to address 000 16 automatically *Jump to address 320 16 automatically *Jump to address 330 16 automatically 31016 32016 6E016 *Jump to address 6E0 16 automatically unused address area 60016 Following FFF16 is not available 33016 address |