| データシートサーチシステム |
|
M35062 データシート(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35062 データシート(HTML) 29 Page - Renesas Technology Corp |
|
29 / 41 page ![]() 28 MITSUBISHI MICROCOMPUTERS M35062-XXXSP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 9. Notes on superimposed colors (1) Register setting The below table gives register settings for superimposed colors. NTSC PAL M-PAL Fig. 13 Bector phase of PAL, M-PAL method Fig. 14 Signal input timing for PHIN (23-pin) pin (2) Signal input to PHIN (23-pin) pin It is necessary to input a control signal for alternating color burst phase (CB1/CB2) every other scanning line. The signal is input into the PHIN (23-pin) pin. The below figure shows timing for the signal input to the PHIN (23- pin) pin. ____ PAL/NTSC 0 1 0 MPAL 0 0 1 EX 0 0 0 SCOR 1 1 1 PHIN pin Connect to GND Input control signal. Refer to (2) Input control signal. Refer to (2) Register CB1 CB2 CB1 C. Video signal PHIN pin PHIN input H L sellect CB1 CB2 CB2 CB1 R-Y B-Y Broad- casting method |