| データシートサーチシステム |
|
M35076 データシート(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35076 データシート(HTML) 27 Page - Renesas Technology Corp |
|
27 / 46 page ![]() MITSUBISHI MICROCOMPUTERS M35076-XXXSP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 26 DATA INPUT 1 (1) The16-bit communication function (a)Serial data should be input with the LSB first. (b)The address consists of 16 bits. (c)The data consists of 16 bits. Fig.13 Serial input timing CS N = 1,2,3……… SCK SIN LSB MSB LSB MSB LSB MSB Address(16 bits) Data(16 bits) N Data(16 bits) N + 1 __ (d)The 16 bits in the SCK after the CS signal has fallen are the address, and for succeeding input data, the address is incremented every 16 bits. Therefore, it is not necessary to in put the address from the second data. ___ __ Note. Stop the input to SCK pin and fix it to “H” at CS pin “H” level. |