| データシートサーチシステム |
|
M35080FP データシート(PDF) 22 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35080FP データシート(HTML) 22 Page - Renesas Technology Corp |
|
22 / 28 page ![]() MITSUBISHI MICROCOMPUTERS M35080FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 21 DATA INPUT SERIAL DATA INPUT TIMING (1) Serial data should be input with the LSB first. (2) The address consists of 16 bits. (3) The data consists of 16 bits. __ (4) The 16 bits in the SCK after the CS signal has fallen are the address, and for succeeding input data, the address is incremented every 16 bits. Therefore, it is not necessary to input the address from the second data. Fig.17 Serial input timing Address(16 bits) Data(16 bits) N Data(16 bits) N + 1 CS N = 1,2,3……… SCK SIN LSB MSB LSB MSB LSB MSB |