データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STW20NA50 データシート(PDF) 8 Page - STMicroelectronics

部品番号 STW20NA50
部品情報  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW20NA50 データシート(HTML) 8 Page - STMicroelectronics

  STW20NA50 Datasheet HTML 1Page - STMicroelectronics STW20NA50 Datasheet HTML 2Page - STMicroelectronics STW20NA50 Datasheet HTML 3Page - STMicroelectronics STW20NA50 Datasheet HTML 4Page - STMicroelectronics STW20NA50 Datasheet HTML 5Page - STMicroelectronics STW20NA50 Datasheet HTML 6Page - STMicroelectronics STW20NA50 Datasheet HTML 7Page - STMicroelectronics STW20NA50 Datasheet HTML 8Page - STMicroelectronics STW20NA50 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.7
5.3
0.185
0.208
A1
2.87
0.113
A2
1.5
2.5
0.059
0.098
b
1
1.4
0.039
0.055
b1
2.25
0.088
b2
3.05
3.43
0.120
0.135
C
0.4
0.8
0.015
0.031
D
20.4
21.18
0.803
0.833
e
5.43
5.47
0.213
0.215
E
15.3
15.95
0.602
0.628
L
15.57
0.613
L1
3.7
4.3
0.145
0.169
Q
5.3
5.84
0.208
0.230
ØP
3.5
3.71
0.137
0.146
D
Q
ø
L
L1
TO-247 MECHANICAL DATA
STW20NA50
8/9



Html Pages

1 2 3 4 5 6 7 8 9