データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSD835G2-90MI データシート(PDF) 52 Page - STMicroelectronics

部品番号 PSD835G2-90MI
部品情報  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90MI データシート(HTML) 52 Page - STMicroelectronics

Back Button PSD835G2-90MI Datasheet HTML 48Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 49Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 50Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 51Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 52Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 53Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 54Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 55Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 110 page
background image
PSD835G2
PSD8XX Family
51
GND
8
RESET
30
49
50
70
VCC
929
69
VCC
VCC
VCC
GND GND GND GND
A[15:8]
A[15:8]
AD[7:0]
AD[7:0]
3
4
5
6
7
10
11
12
13
14
15
16
17
18
19
20
59
60
40
79
80
1
2
39
71
72
73
74
75
76
77
78
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
A8
A9
A10
A11
A12
A13
A14
A15
ADIO0
ADIO1
ADIO2
ADIO3
ADIO4
ADIO5
ADIO6
ADIO7
PF0
PF1
PF2
PF3
PF4
PF5
PF6
PF7
PG0
PG1
PG2
PG3
PG4
PG5
PG6
PG7
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
31
32
33
34
35
36
37
38
21
22
23
24
25
26
27
28
51
52
53
54
55
56
57
58
61
62
63
64
65
66
67
68
41
42
43
44
45
46
47
48
ADIO8
ADIO9
ADIO10
ADIO11
ADIO12
ADIO13
ADIO14
ADIO15
CNTL0 (R/W)
CNTL1 (E)
CNTL2
PD0 (AS)
PD1 (CLKIN)
PD2 (CSI)
PD3
RESET
PE0 (TMS)
PE1 (TCK/ST)
PE2 (TDI)
PE3 (TDO)
PE4 (TSTAT/RDY)
PE5 (TERR)
PE6 (VSTBY)
PE7 (VBATON)
RESET
RESET
RW
E
AS
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
RW
E
AS
RESET
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
XT
EX
IRQ
XIRQ
PD0
PD1
PD2
PD3
PD4
PD5
PE0
PE1
PE2
PE3
PE4
PE5
PE6
PE7
VRH
VRL
MODB
MODA
34
33
32
31
30
29
28
27
8
7
19
18
20
21
22
23
24
25
43
45
47
49
44
46
48
50
52
51
2
3
9
10
11
12
13
14
15
16
42
41
40
39
38
37
36
35
6
5
4
17
CRYSTAL
68HC11E9
PSD835G2
Figure 23. Interfacing the PSD835G2 with a 68HC11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More