| データシートサーチシステム |
|
APW7136CCITRG データシート(PDF) 3 Page - Anpec Electronics Coropration |
|
|
|||||||||||||||||||||||||||||
APW7136CCITRG データシート(HTML) 3 Page - Anpec Electronics Coropration |
|
3 / 15 page ![]() Copyright © ANPEC Electronics Corp. Rev. A.2 - Jan., 2008 APW7136A/B/C www.anpec.com.tw 3 Electrical Characteristics (Cont.) APW7136A/B/C Symbol Parameter Test Condition Min. Typ. Max. Unit REFERENCE AND OUTPUT VOLTAGES TA = 25°C 237 250 263 VREF Regulated Feedback Voltage TA = -40 ~ 85°C (TJ = -40 ~ 125°C) 230 - 270 mV IFB FB Input Current -50 - 50 nA INTERNAL POWER SWITCH FSW Switching Frequency FB=GND 0.8 1.0 1.2 MHz RON Power Switch On Resistance - 0.6 - Ω ILIM Power Switch Current Limit 0.7 0.9 1.2 A LX Leakage Current VEN=0V, VLX=0V or 5V, VIN = 5V -1 - 1 µA DMAX LX Maximum Duty Cycle 92 95 98 % OUTPUT OVER VOLTAGE PROTECTION APW7136A - 20 - APW7136B - 28 - VOVP Over Voltage Threshold APW7136C - 35 - V OVP Hysteresis - 3 - V OVP Leakage Current VOVP =30V, EN=VIN - - 50 µA ENABLE AND SHUTDOWN VTEN EN Voltage Threshold VEN Rising 0.4 0.7 1 V EN Voltage Hysteresis - 0.1 - V ILEN EN Leakage Current VEN= 0~5V, VIN = 5V -1 - 1 µA OVER-TEMPERATURE PROTECTION TOTP Over-Temperature Protection TJ Rising - 150 - °C Over-Temperature Protection Hysteresis - 40 - °C (Refer to Figure 1 in the “Typical Application Circuits”. These specifications apply over V IN = 3.6V, TA = -40°C to 85°C, unless otherwise noted. Typical values are at T A = 25°C.) |