| データシートサーチシステム |
|
SH7080 データシート(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7080 データシート(HTML) 73 Page - Renesas Technology Corp |
|
73 / 1644 page ![]() Section 1 Overview Rev. 3.00 May 17, 2007 Page 15 of 1582 REJ09B0181-0300 Classification Symbol I/O Name Function CS8 to CS0 O Chip select 8 to 0 Chip-select signal for external memory or devices. CS7, CS3, and CS0 are available in the SH7083. CS7 to CS0 are available in the SH7084/SH7085. Bus control RD O Read Indicates reading of data from external devices. RDWR O Read/write Read/write signal BS O Bus start Bus-cycle start AH O Address hold Address hold timing signal for the device that uses the address/data- multiplexed bus. Available only in the SH7084/SH7085/SH7086. FRAME O FRAME signal In burst MPX-I/O interface mode, negated before the last bus cycle to indicate that the next bus cycle is the last access. Available only in the SH7085/SH7086. WRHH O Write to HH byte Indicates a write access to bits 31 to 24 of the external data. Available only in the SH7085/SH7086. WRHL O Write to HL byte Indicates a write access to bits 23 to 16 of the external data. Available only in the SH7085/SH7086. WRH O Write to upper byte Indicates a write access to bits 15 to 8 of the external data. WRL O Write to lower byte Indicates a write access to bits 7 to 0 of the external data. WAIT I Wait Input signal for inserting a wait cycle into the bus cycles during access to the external space. |