| データシートサーチシステム |
|
SH7147 データシート(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7147 データシート(HTML) 39 Page - Renesas Technology Corp |
|
39 / 1108 page ![]() Section 1 Overview Rev. 3.00 Oct. 06, 2008 Page 15 of 1080 REJ09B0230-0300 Classification Symbol I/O Name Function AUDATA3 to AUDATA0 I/O AUD data Branch trace mode: Branch source/destination address output pins RAM monitor mode: Monitor address input, or data I/O pins AUDRST I AUD reset Reset signal input pin AUDMD I AUD mode Mode select signal input pin Branch trace mode (L) RAM monitor mode (H) Advanced user debugger (AUD) AUDCK I/O AUD clock Branch trace mode: Sync-clock output pin RAM monitor mode: Sync-clock input pin AUDSYNC I/O AUD sync signal Branch trace mode: Data start-position acknowledge- signal output pin RAM monitor mode: Data start-position acknowledge- signal input pin Note: * Available only in the SH7142. |