| データシートサーチシステム |
|
SH7203 データシート(PDF) 86 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7203 データシート(HTML) 86 Page - Renesas Technology Corp |
|
86 / 1686 page ![]() Section 2 CPU Rev. 2.00 Apr. 16, 2008 Page 56 of 1652 REJ09B0313-0200 Addressing Mode Instruction Format Effective Address Calculation Equation The 20-bit immediate data (imm) for the MOVI20 instruction is sign-extended. Sign- extended imm (20 bits) 31 19 0 — Immediate #imm:20 The 20-bit immediate data (imm) for the MOVI20S instruction is shifted by eight bits to the left, the upper bits are sign-extended, and the lower bits are padded with zero. Sign-extended imm (20 bits) 00000000 31 27 8 0 — #imm:8 The 8-bit immediate data (imm) for the TST, AND, OR, and XOR instructions is zero-extended. — #imm:8 The 8-bit immediate data (imm) for the MOV, ADD, and CMP/EQ instructions is sign-extended. — #imm:8 The 8-bit immediate data (imm) for the TRAPA instruction is zero-extended and then quadrupled. — #imm:3 The 3-bit immediate data (imm) for the BAND, BOR, BXOR, BST, BLD, BSET, and BCLR instructions indicates the target bit location. — |