| データシートサーチシステム |
|
DS72011RB120FPV データシート(PDF) 59 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV データシート(HTML) 59 Page - Renesas Technology Corp |
|
59 / 1196 page ![]() Section 2 CPU Rev. 2.00 Sep. 07, 2007 Page 31 of 1164 REJ09B0321-0200 Addressing Mode Instruction Format Effective Address Calculation Equation Register indirect with displacement @(disp:4,Rn) The effective address is the sum of Rn and a 4-bit displacement (disp). The value of disp is zero-extended, and remains unchanged for a byte operation, is doubled for a word operation, and is quadrupled for a longword operation. Rn Rn + disp × 1/2/4 + × 1/2/4 disp (zero-extended) Byte: Rn + disp Word: Rn + disp × 2 Longword: Rn + disp × 4 Register indirect with displacement @(disp:12,Rn) The effective address is the sum of Rn and a 12-bit displacement (disp). The value of disp is zero-extended. + Rn disp (zero-extended) Rn + disp Byte: Rn + disp Word: Rn + disp Longword: Rn + disp Indexed register indirect @(R0,Rn) The effective address is the sum of Rn and R0. Rn R0 Rn + R0 + Rn + R0 GBR indirect with displacement @(disp:8,GBR) The effective address is the sum of GBR value and an 8-bit displacement (disp). The value of disp is zero-extended, and remains unchanged for a byte operation, is doubled for a word operation, and is quadrupled for a longword operation. GBR 1/2/4 GBR + disp × 1/2/4 + × disp (zero-extended) Byte: GBR + disp Word: GBR + disp × 2 Longword: GBR + disp × 4 |