| データシートサーチシステム |
|
R5M7084 データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5M7084 データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 1644 page ![]() Rev. 3.00 May 17, 2007 Page xxi of lviii Section 18 I 2C Bus Interface 2 (I2C2) ................................................................901 18.1 Features.............................................................................................................................. 901 18.2 Input/Output Pins ...............................................................................................................904 18.3 Register Descriptions ......................................................................................................... 905 18.3.1 I 2C Bus Control Register 1 (ICCR1)..................................................................... 905 18.3.2 I 2C Bus Control Register 2 (ICCR2)..................................................................... 908 18.3.3 I 2C Bus Mode Register (ICMR)............................................................................ 910 18.3.4 I 2C Bus Interrupt Enable Register (ICIER) ........................................................... 912 18.3.5 I 2C Bus Status Register (ICSR)............................................................................. 914 18.3.6 I 2C Bus Slave Address Register (SAR)................................................................. 917 18.3.7 I 2C Bus Transmit Data Register (ICDRT)............................................................. 918 18.3.8 I 2C Bus Receive Data Register (ICDRR).............................................................. 918 18.3.9 I 2C Bus Shift Register (ICDRS)............................................................................ 918 18.3.10 NF2CYC Register (NF2CYC) .............................................................................. 919 18.4 Operation ........................................................................................................................... 920 18.4.1 I 2C Bus Format...................................................................................................... 920 18.4.2 Master Transmit Operation ................................................................................... 921 18.4.3 Master Receive Operation..................................................................................... 923 18.4.4 Slave Transmit Operation ..................................................................................... 926 18.4.5 Slave Receive Operation....................................................................................... 929 18.4.6 Clock Synchronous Serial Format ........................................................................ 930 18.4.7 Noise Filter ........................................................................................................... 934 18.4.8 Example of Use..................................................................................................... 935 18.5 I 2C2 Interrupt Sources........................................................................................................ 939 18.6 Operation Using the DTC .................................................................................................. 940 18.7 Bit Synchronous Circuit..................................................................................................... 941 18.8 Usage Note......................................................................................................................... 943 18.8.1 Module Standby Mode Setting ............................................................................. 943 18.8.2 Issuance of Stop Condition and Repeated Start Condition ................................... 943 18.8.3 Issuance of a Start Condition and Stop Condition in Sequence ............................ 943 18.8.4 Settings for Multi-Master Operation..................................................................... 944 18.8.5 Reading ICDRR in Master Receive Mode............................................................ 944 Section 19 A/D Converter (ADC)......................................................................945 19.1 Features.............................................................................................................................. 945 19.2 Input/Output Pins ...............................................................................................................947 19.3 Register Descriptions ......................................................................................................... 948 19.3.1 A/D Data Registers 0 to 15 (ADDR0 to ADDR15) .............................................. 949 19.3.2 A/D Control/Status Registers_0 to _2 (ADCSR_0 to ADCSR_2)........................ 950 19.3.3 A/D Control Registers_0 to _2 (ADCR_0 to ADCR_2)....................................... 953 |