| データシートサーチシステム |
|
R8C2A データシート(PDF) 93 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2A データシート(HTML) 93 Page - Renesas Technology Corp |
|
93 / 609 page ![]() R8C/2A Group, R8C/2B Group 7. Programmable I/O Ports Rev.2.00 Nov 26, 2007 Page 73 of 580 REJ09B0324-0200 X: 0 or 1 NOTE: 1. Pulled up by setting the PU01 bit in the PUR0 register to 1. X: 0 or 1 NOTE: 1. Pulled up by setting the PU01 bit in the PUR0 register to 1. X: 0 or 1 NOTE: 1. Pulled up by setting the PU01 bit in the PUR0 register to 1. Table 7.9 Port P0_5/AN2/CLK1 Register PD0 ADCON0 ADCON2 PMR U1MR U1SR Function Bit PD0_5 CH2 CH1 CH0 ADGSEL1 ADGSEL0 U1PINSEL SMD2 SMD1 SMD0 CKDIR CLK11PSEL CLK10PSEL Setting Value 0 XXX X X X Other than 001b X X X Input port(1) 0 XXX X X X X XXX 1 X X 1 XXX X X X Other than 001b X X X Output port 0 XXX X X X X XXX 0 X X 0 0 1 0 0 0 X XXX X X X A/D converter input (AN2) 0 XXX X X 1 X X X 1 01 CLK1 (external clock) input X XXX X X 1 0 0 1 0 CLK1 (internal clock) output Table 7.10 Port P0_6/AN1/DA0 Register PD0 ADCON0 ADCON2 DACON Function Bit PD0_6 CH2 CH1 CH0 ADGSEL1 ADGSEL0 DA0E Setting Value 0X X X X X X Input port(1) 1 X X X X X X Output port 0 0 0 1 0 0 X A/D converter input (AN1) 0 X X X X X 1 D/A converter output (DA0) Table 7.11 Port P0_7/AN0/DA1 Register PD0 ADCON0 ADCON2 DACON Function Bit PD0_7 CH2 CH1 CH0 ADGSEL1 ADGSEL0 DA1E Setting Value 0 X XX XXX Input port(1) 1 X X X X X X Output port 0 0 0 0 0 0 X A/D converter input (AN0) 0 X X X X X 1 D/A converter output (DA1) |