| データシートサーチシステム |
|
SH7261 データシート(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 データシート(HTML) 16 Page - Renesas Technology Corp |
|
16 / 1348 page ![]() Rev. 2.00 Sep. 07, 2007 Page xvi of xxxii 11.10 Reload Function.................................................................................................................367 11.11 Rotate Function.................................................................................................................. 369 11.12 Transfer Speed ................................................................................................................... 370 11.13 Usage Note......................................................................................................................... 371 11.13.1 Note on Making a Transition To Software Standby Mode or Deep Standby Mode ............................................................................................. 371 Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)................................... 373 12.1 Features.............................................................................................................................. 373 12.2 Input/Output Pins...............................................................................................................379 12.3 Register Descriptions ......................................................................................................... 380 12.3.1 Timer Control Register (TCR).............................................................................. 386 12.3.2 Timer Mode Register (TMDR)............................................................................. 390 12.3.3 Timer I/O Control Register (TIOR) ...................................................................... 393 12.3.4 Timer Compare Match Clear Register (TCNTCMPCLR).................................... 412 12.3.5 Timer Interrupt Enable Register (TIER)............................................................... 413 12.3.6 Timer Status Register (TSR)................................................................................. 418 12.3.7 Timer Buffer Operation Transfer Mode Register (TBTM)................................... 425 12.3.8 Timer Input Capture Control Register (TICCR)................................................... 426 12.3.9 Timer A/D Converter Start Request Control Register (TADCR) ......................... 427 12.3.10 Timer A/D Converter Start Request Cycle Set Registers (TADCORA_4 and TADCORB_4)...................................................................... 430 12.3.11 Timer A/D Converter Start Request Cycle Set Buffer Registers (TADCOBRA_4 and TADCOBRB_4) ................................................................ 431 12.3.12 Timer Counter (TCNT)......................................................................................... 431 12.3.13 Timer General Register (TGR) ............................................................................. 432 12.3.14 Timer Start Register (TSTR) ................................................................................ 433 12.3.15 Timer Synchronous Register (TSYR)................................................................... 435 12.3.16 Timer Counter Synchronous Start Register (TCSYSTR) ..................................... 437 12.3.17 Timer Read/Write Enable Register (TRWER) ..................................................... 439 12.3.18 Timer Output Master Enable Register (TOER) .................................................... 440 12.3.19 Timer Output Control Register 1 (TOCR1).......................................................... 441 12.3.20 Timer Output Control Register 2 (TOCR2).......................................................... 444 12.3.21 Timer Output Level Buffer Register (TOLBR) .................................................... 447 12.3.22 Timer Gate Control Register (TGCR) .................................................................. 448 12.3.23 Timer Subcounter (TCNTS) ................................................................................. 450 12.3.24 Timer Dead Time Data Register (TDDR)............................................................. 451 12.3.25 Timer Cycle Data Register (TCDR) ..................................................................... 451 12.3.26 Timer Cycle Buffer Register (TCBR)................................................................... 452 12.3.27 Timer Interrupt Skipping Set Register (TITCR)................................................... 452 |