| データシートサーチシステム |
|
M16C/29 データシート(PDF) 383 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/29 データシート(HTML) 383 Page - Renesas Technology Corp |
|
383 / 499 page ![]() 20. Flash Memory Version p u o r G 9 2 / C 6 1 M page 359 8 5 4 f o 7 0 0 2 , 0 3 .r a M 2 1 . 1 . v e R 2 1 1 0 - 1 0 1 0 B 9 0 J E R Monitor output RxD input TxD output BUSY SCLK TxD CNVss P86(CE) RxD MCU (1) In this example, a selector controls the input voltage applied to CNVss to switch between single-chip mode and standard serial I/O mode. P85(RP) (1) (1) NOTE: 1. Set the following, either or both. - Connect the CE pin to Vcc - Connect the RP pin to Vss and the P16 pin to Vcc P16 (1) Figure 20.18 Circuit Application in Standard Serial I/O Mode 2 |