| データシートサーチシステム |
|
M16C/29 データシート(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/29 データシート(HTML) 25 Page - Renesas Technology Corp |
|
25 / 499 page ![]() M16C/29 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER page 1 8 5 4 f o 7 0 0 2 , 0 3 .r a M 2 1 . 1 . v e R 2 1 1 0 - 1 0 1 0 B 9 0 J E R 1. Overview 1.1 Features The M16C/29 Group of single-chip control MCU incorporates the M16C/60 series CPU core, employing the high-performance silicon gate CMOS technology and sophisticated instructions for a high level of effi- ciency. The M16C/29 Group is housed in 64-pin and 80-pin plastic molded LQFP packages. These single- chip MCUs operate using sophisticated instructions featuring a high level of instruction efficiency. This MCU is capable of executing instructions at high speed and it has one CAN module, makes it suitable for control of cars and LAN system of FA. In addition, the CPU core boasts a multiplier and DMAC for high- speed processing to make adequate for office automation, communication devices, and other high-speed processing applications. 1.1.1 Applications Automotive body, car audio, LAN system of FA, etc. |