| データシートサーチシステム |
|
M16C/29 データシート(PDF) 445 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/29 データシート(HTML) 445 Page - Renesas Technology Corp |
|
445 / 499 page ![]() p u o r G 9 2 / C 6 1 M 22. Usage Notes page 421 8 5 4 f o 7 0 0 2 , 0 3 .r a M 2 1 . 1 . v e R 2 1 1 0 - 1 0 1 0 B 9 0 J E R 22. Usage Notes 22.1 SFRs 22.1.1 For 80-Pin Package Set the IFSR20 bit in the IFSR2A register to 0 after reset and set bits PACR2 to PACR0 in the PACR register to 0112. 22.1.2 For 64-Pin Package Set the IFSR20bit in the IFSR2A register to 0 after reset and set bits PACR2 to PACR0 in the PACR register to 0102. 22.1.3 Register Setting Immediate values should be set in the registers containing write-only bits. When establishing a new value by modifying a previous value, write the previous value into RAM as well as the register. Change the contents of the RAM and then transfer the new value to the register. |