| データシートサーチシステム |
|
M16C/29 データシート(PDF) 178 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/29 データシート(HTML) 178 Page - Renesas Technology Corp |
|
178 / 499 page ![]() 13. Timer S p u o r G 9 2 / C 6 1 M page 154 8 5 4 f o 7 0 0 2 , 0 3 .r a M 2 1 . 1 . v e R 2 1 1 0 - 1 0 1 0 B 9 0 J E R Figure 13.14 Base Timer Operation in Two-phase Pulse Signal Processing Mode (1) When the base timer is reset while the base timer increments the counter (2) When the base timer is reset while the base timer decrements the counter ( ) m When selects no division with the divider by (n+1) Value of counter min 1 µs (Note 1) min 1 µs m+1 1 2 0 Set to 0 at this timing Base timer starts counting P80 (A-phase) P81 (B-phase) INT1 (Z-phase) Set to 1 at this timing min 1 µs (1) min 1 µs m Input waveform Value of counter m-1 FFFF16 FFFE16 0 Set to 0 at this timing NOTE: 1. 1.5 fBT1 clock cycle or more are required. Base timer starts counting P80 (A-phase) P81 (B-phase) INT1 (Z-phase) Set to FFFF16 at this timing Input waveform fBT1 fBT1 ( ) When selects no division with the divider by (n+1) |