| データシートサーチシステム |
|
M16C/29 データシート(PDF) 241 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/29 データシート(HTML) 241 Page - Renesas Technology Corp |
|
241 / 499 page ![]() 14. Serial I/O p u o r G 9 2 / C 6 1 M page 217 8 5 4 f o 7 0 0 2 , 0 3 .r a M 2 1 . 1 . v e R 2 1 1 0 - 1 0 1 0 B 9 0 J E R 14.2 SI/O3 and SI/O4 Note The SI/O4 interrupt of peripheral function interrupt is not available in the 64-pin package. SI/O3 and SI/O4 are exclusive clock-synchronous serial I/Os. Figure 14.35 shows the block diagram of SI/O3 and SI/O4, and Figure 14.36 shows the SI/O3 and SI/O4- related registers. Table 14.20 shows the specifications of SI/O3 and SI/O4. Figure 14.35 SI/O3 and SI/O4 Block Diagram Data bus SI/Oi interrupt request Note: i = 3, 4. n = A value set in the SiBRG register. SiTRR register SI/O counter i 8 SMi5 LSB MSB SMi2 SMi3 SMi3 SMi6 SMi1 to SMi0 CLKi SOUTi SINi SiBRG register SMi6 1/(n+1) 1/2 1/2 Main clock, PLL clock, or on-chip oscillator clock f1SIO 1/2 1/8 1/4 f8SIO f32SIO f2SIO PCLK1=0 PCLK1=1 SMi4 002 012 102 Clock source select Synchronous circuit CLK polarity reversing circuit |