| データシートサーチシステム |
|
M16C/29 データシート(PDF) 266 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/29 データシート(HTML) 266 Page - Renesas Technology Corp |
|
266 / 499 page ![]() 15. A/D Converter p u o r G 9 2 / C 6 1 M page 242 8 5 4 f o 7 0 0 2 , 0 3 .r a M 2 1 . 1 . v e R 2 1 1 0 - 1 0 1 0 B 9 0 J E R Figure 15.19 Operation Example in Delayed Trigger Mode 0 AN0 AN1 AN2 AN3 Timer B0 underflow A/D pin input voltage sampling A/D pin conversion AN0 AN1 AN2 AN3 Timrt B0 underflow (An interrupt does not affect A/D conversion) Timer B0 underflow Timer B1 underflow Timer B1 underflow •Example when selecting AN0 to AN3 to A/D sweep pins (SCAN1 to SCAN0 = 012) •Example 1: When Timer B1 underflow is generated during AN0 pin conversion AN0 AN1 AN2 AN3 Timer B0 underflow Timer B1 underflow •Example 2: When Timer B1 underflow is generated after AN0 pin conversion AN0 AN1 AN2 AN3 Timer B0 underflow (Abort othrt pins conversion) Timer B0 underflow Timer B1 under flow Timer B1 underflow •Example 3: When Timer B0 underflow is generated during A/D conversion of any pins except AN0 pin •Example 4: When Timer B0 underflow is generated again before Timer B1 underflow is generated after Timer B0 underflow generation |