| データシートサーチシステム |
|
M16C/29 データシート(PDF) 292 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/29 データシート(HTML) 292 Page - Renesas Technology Corp |
|
292 / 499 page ![]() 16. MULTI-MASTER I2C bus INTERFACE p u o r G 9 2 / C 6 1 M page 268 8 5 4 f o 7 0 0 2 , 0 3 .r a M 2 1 . 1 . v e R 2 1 1 0 - 1 0 1 0 B 9 0 J E R Figure 16.10 The timing of reset to the I2C bus interface circuit A reset signal to I2C bus interface circuit Write 1 to IHR bit IHR bit 2.5 VIIC cycles 16.4.5 Bit 7: I2C bus Interface Pin Input Level Select Bit (TISS) The TISS bit selects the input level of the SCL and SDA pins for the multi-master I2C bus interface. When the TISS bit is set to 1, the P20 and P21 become the SMBus input level. |