| データシートサーチシステム |
|
M32C8B データシート(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C8B データシート(HTML) 73 Page - Renesas Technology Corp |
|
73 / 406 page ![]() Under development M32C/8B Group 8. Bus Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 56 of 385 Figure 8.8 Bus Cycles when Multiplexed Bus is Selected (2/2) RD RD RD LA: Latch address RD: Read data WD: Write data • Bus cycle 3 φ + 6 φ BCLK CSi Read data Write data RD WR (WRL) ALE (Note 1) • Bus cycle 3 φ + 5 φ BCLK CSi Read data Write data RD WR (WRL) ALE (Note 1) • Bus cycle 3 φ + 4 φ BCLK CSi Read data Write data RD WR (WRL) ALE (Note 1) WD 1 bus cycle = 7 φ LA LA WD 1 bus cycle = 8 φ LA LA WD 1 bus cycle = 9 φ LA LA i = 0 to 3 NOTE: 1. When the MCU accesses the same CS area consecutively, the CSi pin keeps outputting "L". |