| データシートサーチシステム |
|
M32C/8B データシート(PDF) 130 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B データシート(HTML) 130 Page - Renesas Technology Corp |
|
130 / 406 page ![]() Under development M32C/8B Group 11. Interrupts Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 113 of 385 Figure 11.12 IFSR Register b7 b6 b5 b4 b1 b2 b3 External Interrupt Source Select Register Symbol IFSR Address 031Fh Bit Symbol Bit Name RW After Reset 00h b0 Function IFSR0 RW 0: One edge 1: Both edges INT0 interrupt polarity select bit(1) IFSR1 INT1 interrupt polarity select bit(1) 0: One edge 1: Both edges IFSR2 INT2 interrupt polarity select bit(1) 0: One edge 1: Both edges IFSR3 INT3 interrupt polarity select bit(1) 0: One edge 1: Both edges IFSR4 INT4 interrupt polarity select bit(1) 0: One edge 1: Both edges IFSR5 INT5 interrupt polarity select bit(1) 0: One edge 1: Both edges IFSR6 UART0, UART3 interrupt source select bit 0: UART3 bus conflict, start condition detection, stop condition detection 1: UART0 bus conflict, start condition detection, stop condition detection RW RW RW RW RW RW IFSR7 UART1, UART4 interrupt source select bit 0: UART4 bus conflict, start condition detection, stop condition detection 1: UART1 bus conflict, start condition detection, stop condition detection RW NOTE: 1. Set the IFSRi bit (i = 0 to 5) to 0 to select a level-sensitive triggering. When selecting both edges, set the POL bit in the corresponding INTilC register to 0 (falling edge). |