| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 335 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 335 Page - Renesas Technology Corp |
|
335 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 283 of 1102 REJ09B0294-0100 (1) When DDS = 1 A fast-page access is performed regardless of the bus master, only according to the address. The DACK signal is asserted within the Tc1 cycle in both read and write accesses. Figures 6.82 and 6.83 show the output timing example of the DACK signal when DDS = 1. T p T r T c1 T c2 T c1 T c2 CS Precharge-sel RAS CAS WE CKE PALL ACTV NOP NOP WRIT WRIT DQMLU DQMLL D7 to D0 BS DACK RD/ WR D15 to D8 Address bus Row address Row address Column address 1 Column address 2 SD φ High Figure 6.82 Output Timing Example of DACK when DDS = 1 (Write) |