| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 20 Page - Renesas Technology Corp |
|
20 / 1158 page ![]() Rev.1.00 Jun. 07, 2006 Page xx of lii 12.6.2 Compare Match Count Mode................................................................................ 629 12.7 Interrupt Sources................................................................................................................ 629 12.7.1 Interrupt Sources and DTC Activation ................................................................. 629 12.7.2 A/D Converter Activation..................................................................................... 630 12.8 Usage Notes ....................................................................................................................... 631 12.8.1 Notes on Setting Cycle ......................................................................................... 631 12.8.2 Conflict between TCNT Write and Counter Clear ............................................... 631 12.8.3 Conflict between TCNT Write and Increment...................................................... 632 12.8.4 Conflict between TCOR Write and Compare Match ............................................ 632 12.8.5 Conflict between Compare Matches A and B....................................................... 633 12.8.6 Switching of Internal Clocks and TCNT Operation ............................................. 633 12.8.7 Mode Setting with Cascaded Connection ............................................................. 635 12.8.8 Module Stop State Setting .................................................................................... 635 12.8.9 Interrupts in Module Stop State ............................................................................ 635 Section 13 32K Timer (TM32K) ....................................................................... 637 13.1 Features.............................................................................................................................. 637 13.2 Register Descriptions ......................................................................................................... 638 13.2.1 Timer Counter (TCNT32K).................................................................................. 638 13.2.2 Time Control Register (TCR32K) ........................................................................ 638 13.3 Operation ........................................................................................................................... 639 13.4 Interrupt Source ................................................................................................................. 640 13.5 Usage Notes ....................................................................................................................... 640 13.5.1 Changing Values of Bits CKS1 and CKS0........................................................... 640 13.5.2 Usage Notes on 32K Timer .................................................................................. 640 13.5.3 Note on Reading Timer Counter........................................................................... 640 13.5.4 Note on Register Initialization .............................................................................. 640 Section 14 Watchdog Timer (WDT) ................................................................. 641 14.1 Features.............................................................................................................................. 641 14.2 Input/Output Pin ................................................................................................................ 642 14.3 Register Descriptions ......................................................................................................... 643 14.3.1 Timer Counter (TCNT)......................................................................................... 643 14.3.2 Timer Control/Status Register (TCSR)................................................................. 643 14.3.3 Reset Control/Status Register (RSTCSR)............................................................. 645 14.4 Operation ........................................................................................................................... 646 14.4.1 Watchdog Timer Mode......................................................................................... 646 14.4.2 Interval Timer Mode............................................................................................. 648 14.5 Interrupt Source ................................................................................................................. 648 14.6 Usage Notes ....................................................................................................................... 649 |