| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 350 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 350 Page - Renesas Technology Corp |
|
350 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 298 of 1102 REJ09B0294-0100 (6) Relationship between Chip Select ( CS) Signal and Read (RD) Signal Depending on the system's load conditions, the RD signal may lag behind the CS signal. An example is shown in figure 6.95. In this case, with the setting for no idle cycle insertion (a), there may be a period of overlap between the RD signal in bus cycle A and the CS signal in bus cycle B. Setting idle cycle insertion, as in (b), however, will prevent any overlap between the RD and CS signals. In the initial state after reset release, idle cycle indicated in (b) is set. Bus cycle A Bus cycle B B φ Address bus CS (area A) CS (area B) RD T 1 T 2 T 3 T 1 T 2 Bus cycle A Bus cycle B T 1 T 2 T 3 T 1 T i T 2 Overlap time may occur between the CS (area B) and RD (a) No idle cycle inserted (IDLS1 = 0) (b) Idle cycle inserted (IDLS1 = 1, IDLSELn = 0, IDLCA1 = 0, IDLCA0 = 0) Figure 6.95 Relationship between Chip Select ( CS) and Read (RD) |