| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 482 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 482 Page - Renesas Technology Corp |
|
482 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 430 of 1102 REJ09B0294-0100 Function Port Description Bit I/O Input Output Schmitt- Trigger Input * 1 Input Pull-up MOS Function Open- Drain Output Function Port 1 2 P12/SCK2 IRQ2-A DACK0-A IRQ2-A 1 P11 RxD2/ IRQ1-A TEND0-A IRQ1-A General I/O port also functioning as interrupt inputs, SCI I/Os, DMAC I/Os, A/D converter inputs, TPU inputs, and IIC2 I/Os 0 P10 DREQ0-A/ IRQ0-A TxD2 IRQ0-A Port 2 7 P27/ TIOCB5 TIOCA5 PO7 P27, TIOCB5, TIOCA5 O 6 P26/ TIOCA5 PO6/TMO1/ TxD1 All input functions General I/O port also functioning as interrupt inputs, PPG outputs, TPU I/Os, TMR I/Os, and SCI I/Os 5 P25/ TIOCA4 TMCI1/ RxD1 PO5 P25, TIOCA4, TMCI1 4 P24/ TIOCB4/ SCK1 TIOCA4/ TMRI1 PO4 P24, TIOCB4, TIOCA4, TMRI1 3 P23/ TIOCD3 IRQ11-A/ TIOCC3 PO3 P23, TIOCD3, IRQ11-A 2 P22/ TIOCC3 IRQ10-A PO2/TMO0/ TxD0 All input functions 1 P21/ TIOCA3 TMCI0/ RxD0/ IRQ9-A PO1 P21, IRQ9-A, TIOCA3, TMCI0 0 P20/ TIOCB3/ SCK0 TIOCA3/ TMRI0/ IRQ8-A PO0 P20, IRQ8-A, TIOCB3, TIOCA3, TMRI0 |