| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 506 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 506 Page - Renesas Technology Corp |
|
506 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 454 of 1102 REJ09B0294-0100 9.2.4 Port 5 (1) P57/AN7/DA1/ IRQ7-B Module Name Pin Function D/A converter DA1 output (2) P56/AN6/DA0/ IRQ6-B Module Name Pin Function D/A converter DA0 output 9.2.5 Port 6 (1) P65/TMO3/ DACK3/TCK The pin function is switched as shown below according to the combination of the DMAC and TMR register settings and P65DDR bit setting. Setting DMAC TMR I/O Port Module Name Pin Function DACK3_OE TMO3_OE P65DDR DMAC DACK3 output 1 TMR TMO3 output 0 1 P65 output 0 0 1 I/O port P65 input (initial setting) 0 0 0 |