| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 553 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 553 Page - Renesas Technology Corp |
|
553 / 1158 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev.1.00 Jun. 07, 2006 Page 501 of 1102 REJ09B0294-0100 10.2 Input/Output Pins Table 10.2 shows TPU pin configurations. Table 10.2 Pin Configuration Channel Symbol I/O Function TCLKA Input External clock A input pin (Channel 1 and 5 phase counting mode A phase input) TCLKB Input External clock B input pin (Channel 1 and 5 phase counting mode B phase input) TCLKC Input External clock C input pin (Channel 2 and 4 phase counting mode A phase input) All TCLKD Input External clock D input pin (Channel 2 and 4 phase counting mode B phase input) TIOCA0 I/O TGRA_0 input capture input/output compare output/PWM output pin TIOCB0 I/O TGRB_0 input capture input/output compare output/PWM output pin TIOCC0 I/O TGRC_0 input capture input/output compare output/PWM output pin 0 TIOCD0 I/O TGRD_0 input capture input/output compare output/PWM output pin TIOCA1 I/O TGRA_1 input capture input/output compare output/PWM output pin 1 TIOCB1 I/O TGRB_1 input capture input/output compare output/PWM output pin TIOCA2 I/O TGRA_2 input capture input/output compare output/PWM output pin 2 TIOCB2 I/O TGRB_2 input capture input/output compare output/PWM output pin TIOCA3 I/O TGRA_3 input capture input/output compare output/PWM output pin TIOCB3 I/O TGRB_3 input capture input/output compare output/PWM output pin TIOCC3 I/O TGRC_3 input capture input/output compare output/PWM output pin 3 TIOCD3 I/O TGRD_3 input capture input/output compare output/PWM output pin TIOCA4 I/O TGRA_4 input capture input/output compare output/PWM output pin 4 TIOCB4 I/O TGRB_4 input capture input/output compare output/PWM output pin TIOCA5 I/O TGRA_5 input capture input/output compare output/PWM output pin 5 TIOCB5 I/O TGRB_5 input capture input/output compare output/PWM output pin |