| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 654 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 654 Page - Renesas Technology Corp |
|
654 / 1158 page ![]() Section 11 Programmable Pulse Generator (PPG) Rev.1.00 Jun. 07, 2006 Page 602 of 1102 REJ09B0294-0100 11.4.7 Inverted Pulse Output If the G3INV, G2INV, G1INV, and G0INV bits in PMR are cleared to 0, values that are the inverse of the PODR contents can be output. Figure 11.10 shows the outputs when the G3INV and G2INV bits are cleared to 0, in addition to the settings of figure 11.9. TCNT value TCNT TGRB TGRA H'0000 NDRH 95 65 59 56 95 65 00 95 05 65 41 59 50 56 14 95 05 65 PODRL PO15 PO14 PO13 PO12 PO11 PO10 PO9 PO8 Time Figure 11.10 Inverted Pulse Output (Example) |