| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 711 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 711 Page - Renesas Technology Corp |
|
711 / 1158 page ![]() Section 15 Serial Communication Interface (SCI, IrDA, CRC) Rev.1.00 Jun. 07, 2006 Page 659 of 1102 REJ09B0294-0100 15.3 Register Descriptions The SCI has the following registers. Some bits in the serial mode register (SMR), serial status register (SSR), and serial control register (SCR) have different functions in different modes normal serial communication interface mode and smart card interface mode; therefore, the bits are described separately for each mode in the corresponding register sections. Channel 0: • Receive shift register_0 (RSR_0) • Transmit shift register_0 (TSR_0) • Receive data register_0 (RDR_0) • Transmit data register_0 (TDR_0) • Serial mode register_0 (SMR_0) • Serial control register_0 (SCR_0) • Serial status register_0 (SSR_0) • Smart card mode register_0 (SCMR_0) • Bit rate register_0 (BRR_0) Channel 1: • Receive shift register_1 (RSR_1) • Transmit shift register_1 (TSR_1) • Receive data register_1 (RDR_1) • Transmit data register_1 (TDR_1) • Serial mode register_1 (SMR_1) • Serial control register_1 (SCR_1) • Serial status register_1 (SSR_1) • Smart card mode register_1 (SCMR_1) • Bit rate register_1 (BRR_1) |