| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 871 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 871 Page - Renesas Technology Corp |
|
871 / 1158 page ![]() Section 17 I 2C Bus Interface 2 (IIC2) Rev.1.00 Jun. 07, 2006 Page 819 of 1102 REJ09B0294-0100 Vcc Vcc SCL in SCL out SCL SDA in SDA out SDA SCL (Master) (Slave 1) (Slave 2) SDA SCL in SCL out SDA in SDA out SCL in SCL out SDA in SDA out Figure 17.2 Connections to the External Circuit by the I/O Pins 17.2 Input/Output Pins Table 17.1 shows the pin configuration of the I 2C bus interface 2. Table 17.1 Pin Configuration of the I 2C Bus Interface 2 Channel Abbreviation I/O Function 0 SCL0 I/O Channel 0 serial clock I/O pin SDA0 I/O Channel 0 serial data I/O pin 1 SCL1 I/O Channel 1 serial clock I/O pin SDA1 I/O Channel 1 serial data I/O pin Note: The pin symbols are represented as SCL and SDA; channel numbers are omitted in this manual. |