| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 925 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 925 Page - Renesas Technology Corp |
|
925 / 1158 page ![]() Section 20 RAM Rev.1.00 Jun. 07, 2006 Page 873 of 1102 REJ09B0294-0100 Section 20 RAM This LSI has a 40-kbyte on-chip high-speed static RAM. The RAM is connected to the CPU by a 32-bit data bus, enabling one-state access by the CPU to all byte data, word data, and longword data. The on-chip RAM can be enabled or disabled by means of the RAME bit in the system control register (SYSCR). For details on SYSCR, refer to section 3.2.2, System Control Register (SYSCR). Product Classification RAM Size RAM Addresses H8SX/1663 Flash memory version H8SX/1664 40 kbytes H'FF2000 to H'FFBFFF |