| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 975 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 975 Page - Renesas Technology Corp |
|
975 / 1158 page ![]() Section 21 Flash Memory (0.18- µm F-ZTAT Version) Rev.1.00 Jun. 07, 2006 Page 923 of 1102 REJ09B0294-0100 Table 21.10 Usable Area for Erasure in User Program Mode Storable/Executable Area Selected MAT Item On-Chip RAM User MAT User MAT Embedded Program Storage MAT Operation for selecting on-chip program to be downloaded O O O Operation for writing H'A5 to FKEY O O O Execution of writing 1 to SCO bit in FCCS (download) O × O Operation for clearing FKEY O O O Decision of download result O O O Operation for download error O O O Operation for setting initialization parameter O O O Execution of initialization O × O Decision of initialization result O O O Operation for initialization error O O O NMI handling routine O × O Operation for disabling interrupts O O O Operation for writing H'5A to FKEY O O O Operation for setting erasure parameter O × O Execution of erasure O × O Decision of erasure result O × O Operation for erasure error O × O Operation for clearing FKEY O × O |