| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 1006 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 1006 Page - Renesas Technology Corp |
|
1006 / 1158 page ![]() Section 21 Flash Memory (0.18- µm F-ZTAT Version) Rev.1.00 Jun. 07, 2006 Page 954 of 1102 REJ09B0294-0100 Table 21.17 Error Code Code Description H'00 No error H'11 Sum check error H'12 Program size error H'21 Device code mismatch error H'22 Clock mode mismatch error H'24 Bit rate selection error H'25 Input frequency error H'26 Multiplication ratio error H'27 Operating frequency error H'29 Block number error H'2A Address error H'2B Data length error H'51 Erasure error H'52 Erasure incomplete error H'53 Programming error H'54 Selection processing error H'80 Command error H'FF Bit-rate-adjustment confirmation error |